PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2N6132 2N6101 2N6491 2N6486 2N6487 2N6489 2N6099 2 |
NPN SILICON TRANSISTOR NPN SILICON TRANSISTOR 15 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB (2N6130 - 2N6134) NPN SILICON TRANSISTOR Leaded Power Transistor General Purpose Leaded Power Transistor Darlington
|
http:// ON Semiconductor Central Semiconductor Corp. Advanced Semiconductor CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
MP4305 |
Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching. TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
2SB1431 |
Silicon power transistor From old datasheet system PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC[NEC]
|
2SB1432 |
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon power transistor
|
NEC
|
2SD560 2SD560LB 2SD560MB |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|晶体管|达林顿|叩| 100V的五(巴西)总裁| 5A条一(c)| TO - 220AB现有 TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 5A I(C) | TO-220AB NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon power transistor
|
NEC, Corp. NEC Corp.
|
2SD1692 2SD1692L 2SD1692K |
NPN SILICON DARLINGTON TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTOR Low-Power, Single/Dual-Level Battery Monitors with Hysteresis TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 3A I(C) | TO-126 晶体管|晶体管|达林顿|叩| 100V的五(巴西)总裁| 3A条一(c)|26
|
NEC Corp. NEC, Corp.
|
MJE1300906 MJE13009G MJE13009 |
SWITCHMODE Series NPN Silicon Power Transistors(开关模式系列NPN硅功率晶体管) 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 100 WATTS
|
ONSEMI[ON Semiconductor]
|
2SC3734 2SC3734-L 2SC3734-T1B 2SC3734-T2B |
Silicon transistor HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
|
NEC[NEC]
|
2SC2333 2SC2333K |
PNP SILICON POWER TRANSISTOR(switching regulator/DC-DC converter and ultrasonic appliance) TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 2A I(C) | TO-220AB PNP SILICON POWER TRANSISTOR(switching regulator,DC-DC converter and ultrasonic appliance) NPN Silicon Power Transistor
|
NEC Corp. NEC[NEC]
|
2SA1845 |
Silicon power transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
|
NEC
|
MJ423_D ON1993 MJ423 |
POWER TRANSISTOR NPN SILICON From old datasheet system 10 AMPERE POWER TRANSISTOR NPN SILICON 125 WATTS
|
ONSEMI[ON Semiconductor]
|